Part Number Hot Search : 
F800B FRK9160H CY6214 1206H SF106 MPSA43 TC124E 1050QA1
Product Description
Full Text Search
 

To Download MAL215776681E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 1 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum electrolytic capacitors power ultra miniature snap-in fig. 1 features ? up to 500 v ? useful life: 5000 h at 85 c ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, very small dime nsions, cylindrical aluminum case, insulated with a blue sleeve ? keyed polarity version available ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? general purpose, industri al and audio/video systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm or in 2 digits according to iec 60062) ? name of manufacturer ? code for factory of origin ? - sign to identify the nega tive terminal, visible from the top and side of the capacitor ? code number, last 8 digits 157 xxxxx ? climatic category in accordance with iec 60068 ? ? ? ? quick reference data description value nominal case sizes ? (? d x l in mm) 22 x 25 to 35 x 60 rated capacitance range ? (e6/e12 series), c r 56 f to 2200 f tolerance on c r 20 % rated voltage range, u r 200 v, 250 v, 400 v, 450 v 500 v category temperature range -25 c to +85 c endurance test at 85 c 3000 h load life at 85 c 3000 h useful life at 85 c 5000 h useful life at 40 c, ? 1.4 x i r applied 90 000 h shelf life at 0 v, 85 c 1000 h max. rms value of ripple voltage 12 v n/a based on sectional speci fication iec 60384-4 / en130300 climatic category iec 60038 25/085/56 157 pum-si 057 psm-si 159 pul-si 105 c smaller dimensions 198 phr-si longer life higher ripple selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 200 250 400 450 500 47----22 x 25 56 - - - 22 x 25 - 68 - - 22 x 25 22 x 30 22 x 30 ----25 x 25 82 - - 22 x 25 22 x 30 - - - - 25 x 25 - 100 - - 22 x 30 22 x 35 22 x 35 - - - 25 x 30 25 x 30 ----30 x 25
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 2 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 120 - - 22 x 30 22 x 40 22 x 40 - - - 25 x 30 25 x 35 - - - 30 x 25 - 150 - - 22 x 35 25 x 35 25 x 40 - - 25 x 30 25 x 40 30 x 30 - - - 30 x 30 - 180 - - 22 x 40 25 x 40 25 x 45 - - 25 x 35 30 x 35 30 x 35 - - - 35 x 25 - 220 - 22 x 30 25 x 40 25 x 50 30 x 40 - - 30 x 30 30 x 40 35 x 30 - - 35 x 25 35 x 30 - 270 22 x 25 22 x 30 25 x 45 30 x 45 30 x 45 - 25 x 25 30 x 35 35 x 35 35 x 35 - - 35 x 30 - - 330 22 x 30 22 x 35 30 x 40 30 x 50 30 x 50 - 25 x 30 35 x 30 35 x 40 35 x 40 390 22 x 30 22 x 40 30 x 45 35 x 45 35 x 45 - 30 x 25 35 x 35 - - 470 22 x 35 25 x 35 30 x 50 35 x 50 35 x 50 25 x 30 30 x 30 35 x 40 - - 560 22 x 40 25 x 40 35 x 45 - 35 x 60 25 x 35 30 x 30 - - - 30 x 25 35 x 25 - - - 680 25 x 40 25 x 45 35 x 50 35 x 60 - 30 x 30 30 x 35 - - - 35 x 25 35 x 30 - - - 820 25 x 45 30 x 40 35 x 60 - - 30 x 35 35 x 35 - - - 35 x 30 - - - - 1000 30 x 40 30 x 45 - - - 35 x 30 35 x 40 - - - 1200 30 x 45 35 x 45 - - - 35 x 35 - - - - 1500 30 x 50 35 x 50 - - - 35 x 40 - - - - 1800 35 x 45 - - - - 2200 35 x 50 - - - - selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 200 250 400 450 500
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 3 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms two terminal snap-in fig. 2 - two terminal snap-i n fig. 3 - mountin g hole diagram three terminal snap-in fig. 4 - three terminal snap-i n fig. 5 - mountin g hole diagram table 1 + terminal - terminal l bottom view 5.8 mm + 0 - 1 ? d l + 2 max. the minu s terminal can be marked with a black dot or with an imprinted - s ign. ? 2 0.1 (2 x) 10 0.1 ? d l + 2 max. 4 0.5 l the negative terminal ha s two pin s which are both electrically connected. bottom view minu s pole marking + terminal - terminal ? 2 0.1 (2 x) ? 2.5 0.1 3.3 0.1 4.75 0.1 10 0.1 the 10 mm s pacing of the 2 pin s nap-in i s u s ed a s the ba s e layout and a third hole i s added. the third hole i s clo s er to the negative primary hole s o that polarization i s alway s maintained, together with added mechanical s tability. dimensions in millimeters, mass and packaging quantities nominal case size ? d x l ? d max. l max. mass (g) packaging quantities (units per box) 22 x 25 23 27 ?? 12 100 22 x 30 23 32 ? 16 100 22 x 35 23 37 ? 20 100 22 x 40 23 42 ? 23 100 25 x 25 26 27 ? 20 100 25 x 30 26 32 ?? 22 100 25 x 35 26 37 ? 24 100 25 x 40 26 42 ? 27 100 25 x 45 26 47 ?? 32 100 25 x 50 26 52 ?? 38 100
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 4 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) esr at 120 hz is approximately 0.95 x esr 100 hz ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % ? ordering example electrolytic capacitor 157 series 1000 f/200 v; 20 % nominal case size: ? 30 x 40 mm 2-terminal snap-in: ordering code: mal2 157 52102 e3 ? former 12nc: 2222 157 52102 3-terminal snap-in: ordering code: mal2 157 72102 e3 ? former 12nc: 2222 157 72102 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 30 x 25 31 27 ?? 25 100 30 x 30 31 32 ? 30 100 30 x 35 31 37 ? 35 100 30 x 40 31 42 ? 40 100 30 x 45 31 47 ? 45 100 30 x 50 31 52 ? 50 100 35 x 25 36 27 ?? 33 50 35 x 30 36 32 ? 40 50 35 x 35 36 37 ? 48 50 35 x 40 36 42 ? 55 50 35 x 45 36 47 ? 63 50 35 x 50 36 52 ? 72 50 35 x 60 36 62 ? 82 50 dimensions in millimeters, mass and packaging quantities nominal case size ? d x l ? d max. l max. mass (g) packaging quantities (units per box) electrical data symbol description c r rated capacitanc e at 100 hz/120 hz i r rated rms ripple current at 120 hz, 85 c i l5 max. leakage current after 5 min at u r esr typ./max. equivalent series resistance at 100 hz (1) z typ./max. impedance at 10 khz
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 5 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 2 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 120 hz 85 c (a) i l5 5 min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) ordering code mal2157....... 2-term. 3-term. 200 270 22 x 25 1.15 0.54 550 880 420 700 52271e3 72271e3 330 22 x 30 1.36 0.66 430 720 300 500 52331e3 72331e3 390 22 x 30 1.46 0.78 390 650 295 490 52391e3 72391e3 470 22 x 35 1.68 0.94 350 580 240 400 32471e3 12471e3 470 25 x 30 1.67 0.94 350 580 240 400 52471e3 72471e3 560 22 x 40 1.91 1.12 255 425 235 390 42561e3 22561e3 560 25 x 35 1.91 1.12 255 425 235 390 32561e3 12561e3 560 30 x 25 1.89 1.12 255 425 235 390 52561e3 72561e3 680 25 x 40 2.18 1.36 210 350 205 340 42681e3 22681e3 680 30 x 30 2.04 1.36 210 350 205 340 52681e3 72681e3 680 35 x 25 2.06 1.36 210 350 205 340 62681e3 82681e3 820 25 x 45 2.46 1.64 170 290 145 240 62821e3 82821e3 820 30 x 35 2.35 1.64 170 290 145 240 32821e3 12821e3 820 35 x 30 2.29 1.64 170 290 145 240 52821e3 72821e3 1000 30 x 40 2.66 2.00 140 235 135 225 52102e3 72102e3 1000 35 x 30 2.33 2.00 140 235 135 225 62102e3 82102e3 1200 30 x 45 2.98 2.40 120 200 110 190 32122e3 12122e3 1200 35 x 35 2.69 2.40 120 200 110 190 62122e3 82122e3 1500 30 x 50 3.31 3.00 110 180 95 155 42152e3 22152e3 1500 35 x 40 3.04 3.00 110 180 95 155 52152e3 72152e3 1800 35 x 45 3.36 3.60 100 160 80 130 42182e3 22182e3 2200 35 x 50 3.68 4.40 90 150 65 105 52222e3 72222e3 250 220 22 x 30 1.23 0.55 600 1080 420 700 53221e3 73221e3 270 22 x 30 1.32 0.67 490 880 335 560 43271e3 23271e3 270 25 x 25 1.23 0.67 490 880 335 560 53271e3 73271e3 330 22 x 35 1.53 0.82 400 720 255 430 33331e3 13331e3 330 25 x 30 1.56 0.82 400 720 255 430 53331e3 73331e3 390 22 x 40 1.74 0.97 330 610 250 425 43391e3 23391e3 390 30 x 25 1.58 0.97 330 610 250 425 53391e3 73391e3 470 25 x 35 1.87 1.17 280 505 190 320 33471e3 13471e3 470 30 x 30 1.89 1.17 280 505 190 320 53471e3 73471e3 560 25 x 40 2.12 1.40 240 425 185 310 43561e3 23561e3 560 30 x 30 1.97 1.40 240 425 185 310 53561e3 73561e3 560 35 x 25 1.80 1.40 240 425 185 310 63561e3 83561e3 680 25 x 45 2.29 1.70 200 350 155 260 63681e3 83681e3 680 30 x 35 2.28 1.70 200 350 155 260 33681e3 13681e3 680 35 x 30 2.20 1.70 200 350 155 260 53681e3 73681e3 820 30 x 40 2.57 2.05 160 290 125 210 53821e3 73821e3 820 35 x 35 2.54 2.05 160 290 125 210 63821e3 83821e3 1000 30 x 45 2.88 2.50 140 235 105 180 33102e3 13102e3 1000 35 x 40 2.86 2.50 140 235 105 180 53102e3 73102e3 1200 35 x 45 3.17 3.00 120 200 95 160 43122e3 23122e3 1500 35 x 50 3.49 3.75 90 160 85 140 53152e3 73152e3
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 6 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 400 68 22 x 25 0.71 0.27 1400 2800 1170 1950 56689e3 76689e3 82 22 x 25 0.77 0.33 1250 2500 970 1620 56829e3 76829e3 100 22 x 30 0.94 0.40 1125 2250 750 1220 56101e3 76101e3 120 22 x 30 0.97 0.48 990 1980 700 1140 56121e3 76121e3 150 22 x 35 1.13 0.60 750 1500 540 900 36151e3 16151e3 150 25 x 30 1.16 0.60 750 1500 540 900 56151e3 76151e3 180 22 x 40 1.29 0.72 630 1260 435 725 46181e3 26181e3 180 25 x 35 1.35 0.72 630 1260 435 725 36181e3 16181e3 220 25 x 40 1.54 0.88 520 1040 355 590 46221e3 26221e3 220 30 x 30 1.50 0.88 520 1040 355 590 56221e3 76221e3 220 35 x 25 1.42 0.88 520 1040 355 590 66221e3 86221e3 270 25 x 45 1.72 1.08 430 860 335 560 66271e3 86271e3 270 30 x 35 1.74 1.08 430 860 335 560 36271e3 16271e3 270 35 x 30 1.71 1.08 430 860 335 560 56271e3 76271e3 330 30 x 40 1.97 1.32 350 700 315 525 56331e3 76331e3 330 35 x 30 1.76 1.32 350 700 315 525 66331e3 86331e3 390 30 x 45 2.19 1.56 300 610 250 420 56391e3 76391e3 390 35 x 35 2.04 1.56 300 610 250 420 36391e3 16391e3 470 30 x 50 2.40 1.88 250 505 210 350 46471e3 26471e3 470 35 x 40 2.30 1.88 250 505 210 350 56471e3 76471e3 560 35 x 45 2.55 2.24 210 425 180 305 46561e3 26561e3 680 35 x 50 2.79 2.72 190 380 160 265 56681e3 76681e3 820 35 x 60 3.33 3.28 155 315 115 215 56821e3 76821e3 450 56 22 x 25 0.68 0.25 1650 3300 1120 1880 57569e3 77569e3 68 22 x 30 0.80 0.30 1400 2800 920 1530 57689e3 77689e3 82 22 x 30 0.87 0.36 1200 2400 780 1290 47829e3 27829e3 82 25 x 25 0.85 0.36 1200 2400 780 1290 57829e3 77829e3 100 22 x 35 1.00 0.45 1000 2000 630 1050 37101e3 17101e3 100 25 x 30 1.02 0.45 1000 2000 630 1050 57101e3 77101e3 120 22 x 40 1.15 0.54 800 1600 530 885 47121e3 27121e3 120 25 x 30 1.09 0.54 800 1600 530 885 57121e3 77121e3 120 30 x 25 1.10 0.54 800 1600 530 885 67121e3 87121e3 150 25 x 40 1.35 0.67 650 1300 420 705 47151e3 27151e3 150 25 x 35 1.27 0.67 650 1300 420 705 67151e3 87151e3 150 30 x 30 1.32 0.67 650 1300 420 705 57151e3 77151e3 180 25 x 40 1.45 0.81 570 1150 360 605 47181e3 27181e3 180 30 x 35 1.49 0.81 570 1150 360 605 57181e3 77181e3 180 35 x 25 1.35 0.81 570 1150 360 605 67181e3 87181e3 220 25 x 50 1.73 0.99 450 900 315 525 47221e3 27221e3 220 30 x 40 1.72 0.99 450 900 315 525 57221e3 77221e3 220 35 x 30 1.61 0.99 450 900 315 525 67221e3 87221e3 270 30 x 45 1.95 1.21 380 770 270 450 37271e3 17271e3 270 35 x 35 1.86 1.21 380 770 270 450 67271e3 87271e3 330 30 x 50 2.19 1.48 300 600 230 390 47331e3 27331e3 330 35 x 40 2.10 1.48 300 600 230 390 57331e3 77331e3 390 35 x 45 2.34 1.75 250 500 190 340 47391e3 27391e3 470 35 x 50 2.60 2.11 210 420 170 290 57471e3 77471e3 680 35 x 60 3.15 3.06 150 300 110 200 57681e3 77681e3 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 120 hz 85 c (a) i l5 5 min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) ordering code mal2157....... 2-term. 3-term.
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 7 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) esr at 120 hz is approximately 0.95 x esr 100 hz 500 47 22 x 25 0.68 0.24 2834 3540 2095 2930 59479e3 79479e3 68 22 x 30 0.85 0.34 1961 2450 1451 2030 59689e3 79689e3 68 25 x 25 0.86 0.34 1979 2470 1469 2060 49689e3 29689e3 100 22 x 35 1.07 0.50 1339 1670 992 1390 59101e3 79101e3 100 25 x 30 1.08 0.50 1349 1690 1003 1400 49101e3 29101e3 100 30 x 25 1.13 0.50 1375 1720 1030 1440 39101e3 19101e3 120 22 x 40 1.24 0.60 1117 1400 828 1160 59121e3 79121e3 120 25 x 35 1.23 0.60 1122 1400 833 1170 49121e3 29121e3 150 25 x 40 1.43 0.75 901 1130 670 940 59151e3 79151e3 150 30 x 30 1.42 0.75 922 1150 693 970 49151e3 29151e3 180 25 x 45 1.65 0.90 752 940 560 780 59181e3 79181e3 180 30 x 35 1.61 0.90 765 960 573 800 49181e3 29181e3 220 30 x 40 1.84 1.10 629 790 472 660 59221e3 79221e3 220 35 x 30 1.83 1.10 660 830 505 710 49221e3 29221e3 270 30 x 45 2.11 1.35 515 640 387 540 59271e3 79271e3 270 35 x 35 2.09 1.35 534 670 408 570 49271e3 29271e3 330 30 x 50 2.40 1.65 426 530 322 450 59331e3 79331e3 330 35 x 40 2.36 1.65 441 550 337 470 49331e3 29331e3 390 35 x 45 2.63 1.95 374 470 286 400 59391e3 79391e3 470 35 x 50 2.92 2.35 316 400 244 340 59471e3 79471e3 560 35 x 60 3.40 2.80 262 330 201 280 59561e3 79561e3 additional electrical data parameter conditions value voltage surge voltage ?? 400 v versions u s = 1.1 x u r ?? 250 v versions u s = 1.15 x u r reverse voltage ?? 1 v current leakage current after 5 min at u r i l5 ? 0.01 c r x u r inductance equivalent series inductance (esl) all case sizes typ. 19 nh max. 25 nh electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 120 hz 85 c (a) i l5 5 min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) ordering code mal2157....... 2-term. 3-term.
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 8 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 6 - multiplier of useful life as a function of ambient temperature and ripple current load table 3 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier 50 0.90 100 0.95 120 1.00 200 1.15 1000 1.30 ? 10 000 1.40 1.3 1.2 1.1 1.0 0.8 0.5 0.0 40 50 60 70 80 90 i a i r 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 (1) 45 60 30 20 10 8 5 4 3 2 2.5 1.5 1 1.2 15 mga453 life multiplier t amb (c) i a = actual ripple current at 120 hz i r = rated ripple current at 120 hz and 85 c (1) u s eful life at 85 c and i r applied: 5000 h
157 pum-si www.vishay.com vishay bccomponents revision: 20-may-15 9 document number: 28338 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 4 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ ? en130300 ? subclause 4.13 t amb = 85 c; u r applied; ? 3000 h ? c/c: 10 % esr ? 2 x spec. limit i l5 ?? spec. limit load life t amb = 85 c; u r and i r applied; ? 3000 h ? c/c: 20 % esr ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 85 c; u r and i r applied; ? 5000 h ? c/c: 30 % esr ?? 3 x spec. limit i l5 ? spec. limit no short or open circuit, ? no visible damage total failure percentage: ?? 3 % shelf life ? (storage at ? high temperature) iec 60384-4/ ? en130300 ? subclause 4.17 t amb = 85 c; no voltage applied; ? 1000 h after test: u r to be applied for 30 min, ? 24 h to 48 h befo re measurement ? c/c: 15 % esr ?? 1.5 x spec. limit i l5 ?? 1 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MAL215776681E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X